PART |
Description |
Maker |
ILC5061AM2 ILC5061M46X ILC5061M46 ILC5061M44X ILC5 |
Power Supply reset Monitor with 1% Precision Power Supply reset Monitor with 1% Precision 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO3 150K 1/8W RESISTOR Voltage Detector (3.1V) Voltage Detector (3.2V) Voltage Detector (2.9V) Voltage Detector (2.8V) Voltage Detector (3.4V) Voltage Detector (4.6V) Voltage Detector (2.3V)
|
Fairchild Semiconductor, Corp. Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
MAX8211IPA MAX8212CTY/HR MAX8211CTY/HR MAX8211MJA/ |
Voltage Detector 1-CHANNEL POWER SUPPLY SUPPORT CKT, UUC5 Voltage Detector 电压检测器
|
Maxim Integrated Products, Inc.
|
AD8362 AD8362ARU AD8362ARU-REEL7 AD8362ARUZ1 AD836 |
50 Hz to 2.7 GHz 60 dB TruPwr⑩ Detector 50 Hz to 2.7 GHz 60 dB TruPwr??Detector 50 Hz to 2.7 GHz 60 dB TruPwr Detector From old datasheet system IC,THRESHOLD DETECTOR,TSSOP,16PIN,PLASTIC
|
AD[Analog Devices] adi
|
BD48L23FVE-TL BD48L23FVE-TR BD48L23G-TR BD48L23G-T |
Standard CMOS Voltage Detector IC Standard CMOS Voltage Detector IC High accuracy detection, Ultra-low current consumption
|
Rohm
|
SC1437 SC1437ISK-B42TR SC1437ISK-B45TR SC1437ISK-B |
Tantalum Molded Capacitor; Capacitance: 4.7uF; Voltage: 35V; Case Size: 3.2x6.0 mm; Packaging: Tape & Reel 精密电压检测器,具有可编程触发电压 Precision Voltage Detector With Programmable Trigger Voltage & Timer Delay
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
NJU7707F NJU7706 NJU7706F NJU7707 |
10-V Precision Micropower Shunt Voltage Reference, 0.1% accuracy 3-SOT-23 -40 to 85 VOLTAGE DETECTOR
|
New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
BU4209FVE-TR BU4309FVE-TR BU4248FVE-TR BU4348FVE-T |
Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
|
Rohm
|
BU4948F-TR BU4948FVE-TR BU4948G-TR BU4809FVE-TR BU |
Low Voltage Standard CMOS Voltage Detector IC Series
|
Rohm
|
TC53 TC53N3002ETR TC53C1802CTTR TC53C1802ETR TC53C |
The TC53 is a low power voltage detector. Typical supply current consumption is only 1A at an input voltage of 2V. The voltage detection threshold setting is factory-programmed and guaranteed to ±2% accuracy. Threshold settings are a
|
MICROCHIP[Microchip Technology]
|
AZ70XX07 AZ7029Z-E1 AZ7025ZTR-E1 AZ7029RTR-E1 AZ70 |
VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PBCY3 VOLTAGE DETECTOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PSSO3
|
BCD Semiconductor Manufacturing Limited BCD Semiconductor Manufacturing, Ltd.
|
MDT7820ST23 |
Voltage Detector
|
Micon Design Technology Corporation Micon Design Technology...
|